PART |
Description |
Maker |
AT91SAM7S128 AT91SAM7S128-AI AT91SAM7S12804 |
Atmels AT91SAM7S128 is a member of a series of low pincount Flash microcontrollers based on the 32-bit ARM RISC processor. ... THUMB BASED MICROCONTROLLERS AT91 ARM Thumb-based Microcontrollers
|
ATMEL Corporation
|
LPC2220FET144 LPC2220 LPC2220FBD144 LPC2210 LPC221 |
16/32-bit ARM microcontrollers; flashless with 64 kB, with 10-bit ADC and external memory interface
|
PHILIPS[Philips Semiconductors]
|
LPC2292FBD144_00 LPC2292FBD144_01 |
16/32-bit ARM microcontrollers; 256 kB ISP/IAP flash with CAN, 10-bit ADC and external memory interface
|
NXP Semiconductors
|
LPC2294 LPC2292FET144/00 LPC2292FET144/01 LPC2292F |
16/32-bit ARM microcontrollers; 256 kB ISP/IAP flash with CAN, 10-bit ADC and external memory interface
|
NXP Semiconductors
|
LPC2214 LPC2214FBD144 LPC2212 LPC2212FBD144 |
16/32-bit ARM microcontrollers; 128/256 kB ISP/IAP Flash with 10-bit ADC and external memory interface
|
PHILIPS[Philips Semiconductors]
|
LPC2880FET180 LPC2888FET180_01 LPC2888FET180_D1 LP |
16/32-bit ARM microcontrollers; 8 kB cache, up to 1 MB flash, Hi-Speed USB 2.0 device, and SDRAM memory interface
|
NXP Semiconductors
|
LPC2214FBD144_00 LPC2214FBD144_01 LPC2212FBD144_00 |
16/32-bit ARM microcontrollers; 128/256 kB ISP/IAP flash with 10-bit ADC and external memory interface; Package: SOT486-1 (LQFP144); Container: Tray Dry Pack, Bakeable, Single 32-BIT, FLASH, 60 MHz, RISC MICROCONTROLLER, PQFP144
|
NXP Semiconductors N.V.
|
LPC2292FET144/01 LPC2292FET144/G |
16/32-bit ARM microcontrollers; 256 kB ISP/IAP flash with CAN, 10-bit ADC and external memory interface
|
NXP Semiconductors
|
MC68HC11E0MFN2 MC68HC11E20MFN2 MC68HC11E9FN3 MC68H |
(MC68HC711E Series) Microcontrollers Microcontrollers 8-BIT, MROM, 3 MHz, MICROCONTROLLER, PQFP52 Microcontrollers 8-BIT, EEPROM, 3 MHz, MICROCONTROLLER, PQFP64 Microcontrollers 8-BIT, EEPROM, 2 MHz, MICROCONTROLLER, PQFP64 Microcontrollers 8-BIT, MROM, 2 MHz, MICROCONTROLLER, PQCC52 Microcontrollers 8-BIT, UVPROM, 2 MHz, MICROCONTROLLER, CQCC52 Microcontrollers 8-BIT, 2 MHz, MICROCONTROLLER, PDIP56 Microcontrollers 8-BIT, MROM, 2 MHz, MICROCONTROLLER, PQFP64 Microcontrollers 8-BIT, UVPROM, 3 MHz, MICROCONTROLLER, CQCC52 POT 20K OHM 1/2 SQ CERM SL MT 8-BIT, MROM, 2 MHz, MICROCONTROLLER, PQFP64 POT 2.0K OHM 1/2 SQ CERM SL MT 8-BIT, MROM, 3 MHz, MICROCONTROLLER, PQCC52 56 PF 2% 50V NPO (0805) CHIP CAP 8-channel, 8-bit analog-to-digital (A/D) converter
|
MOTOROLA INC Motorola Mobility Holdings, Inc. Motorola, Inc.
|
LC66356B LC662312A LC662316A LC66P2516 LC66516B LC |
Four-Bit Single-Chip Microcontrollers with 4, 6, and 8 KB of On-Chip ROM 四位单片机与4,6微控制器 KB的片上ROM Four-Bit Single-Chip Microcontrollers with 4/ 6/ 8/ 12/ and 16 KB of On-Chip ROM 4-Bit Microcontroller Microcontroller 微控制器 Four-Bit Single-Chip Microcontrollers with 4/6/and 8 Four-Bit Single-Chip Microcontrollers with 8 12 and 16 KB of On-Chip ROM Four-Bit Single-Chip Microcontrollers with 4 6 8 12 and 16 KB of On-Chip ROM Four-Bit Single-Chip Microcontrollers with 4, 6, 8, 12, and 16 KB of On-Chip ROM Four-Bit Single-Chip Microcontrollers with 4 6 and 8 KB of On-Chip ROM Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip EPROM Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip OTP PROM 12 and 16-kbyte on-chip ROM capacities CMOS 4-bit single-chip microcontrollers
|
Sanyo Electric Co., Ltd. Eutech Microelectronics, Inc. SANYO[Sanyo Semicon Device] http://
|
AT91SAMS64-AI AT91SAM7S64 AT91SAM7S64-AI |
AT91 ARM THUMB BASED MICROCONTROLLERS AT91上的微控制器ARM的拇 AT91 ARM? Thumb?-based Microcontrollers
|
Atmel, Corp. Atmel Corp. ATMEL Corporation
|